Part Number Hot Search : 
KRC246M M7R76FDJ RS805M 55000 010AE NCP584 CD982B B3869
Product Description
Full Text Search
 

To Download 151-001-4-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 4 ? 2012 glenair, inc. u.s. cage code 06324 printed in u.s.a. mil-dtl-55116 type audio connectors no. of contacts contact type ? cable .010 mil spec part number glenair part number mates with 5 crimp .165 m55116/1-1 151-001-1-1 151-003-1 151-004-1 151-004-3 .228 m55116/1-2 151-001-1-2 .250 m55116/1-3 151-001-1-3 .2f0 m55116/1-4 151-001-1-4 .320 m55116/1-5 151-001-1-5 6 crimp .165 m55116/2-1 151-001-2-1 151-003-2 151-004-2 151-004-4 .228 m55116/2-2 151-001-2-2 .250 m55116/2-3 151-001-2-3 .2f0 m55116/2-4 151-001-2-4 .320 m55116/2-5 151-001-2-5 5 solder cup .165 m55116/3-1 151-001-3-1 151-003-1 151-004-1 151-004-3 .228 m55116/3-2 151-001-3-2 .250 m55116/3-3 151-001-3-3 .2f0 m55116/3-4 151-001-3-4 .320 m55116/3-5 151-001-3-5 6 solder cup .165 m55116/4-1 151-001-4-1 151-003-2 151-004-2 151-004-4 .228 m55116/4-2 151-001-4-2 .250 m55116/4-3 151-001-4-3 .2f0 m55116/4-4 151-001-4-4 .320 m55116/4-5 151-001-4-5 mil-dtl-55116 type audio plug, feld serviceable with wire strain relief u-229 plug, 5 crimp contacts u-229 plug, 6 crimp contacts u-229 plug, 5 solder cup contacts u-229 plug, 6 solder cup contacts these series 151 mil-dtl-55116 type audio plugs are designed for high-reliability, severe environment radio communications equipment. they are available in both 5 pin and 6 pin confgurations, with either crimp sleeve or solder cup pogo pin terminals. all feature versatile wire strain relief to protect cable conductors from damage. shells are made of passivated stainless steel, contacts are gold plated copper alloy. plug connector contacts are sealed in the unmated condition. flat in knurl ? .836(21.2) .826 (21.0) 1.308 (33.2) 1.200 (30.5) ref .360 (f.14) ref .250 (1.35) ref 151-001 ? m55116/1 C /4 u-229 ? mil-dtl -55116 type audio plugs field serviceable with wire strain relief


▲Up To Search▲   

 
Price & Availability of 151-001-4-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X